Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17529EV
Description  0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17529EV Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document order number:
MPC17529
Rev 2.0, 09/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
0.7 A Dual H-Bridge Motor
Driver with 3.0V/5.0V
Compatible Logic I/O
The 17529 is a monolithic dual H-Bridge power IC ideal for
portable electronic applications containing bipolar step motors and/or
brush DC-motors (e.g., cameras and disk drive head positioners).
The 17529 operates from 2.0 V to 6.8 V, with independent control
of each H-Bridge via parallel MCU interface (3.0 V- and 5.0 V-
compatible logic). The device features on-board charge pump, as
well as built-in shoot-through current protection and an undervoltage
shutdown function.
The 17529 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17529 has a low total RDS(ON)
of 1.2 Ω (max @ 25°C).
The 17529’s low output resistance and high slew rates provide
efficient drive for many types of micromotors.
Features
•Low Total RDS(ON) 0.7 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 0.7 A (DC), 1.4 A (Peak)
• Shoot-Through Current Protection Circuit
•3.0 V/5.0 V CMOS-Compatible Inputs
• PWM Control Input Frequency up to 200 kHz
• Built-In Charge Pump Circuit
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV
Figure 1. 17529 Simplified Application Diagram
DUAL H-BRIDGE
EV SUFFIX (PB-FREE)
98ASA10616D
20-TERMINAL VMFP
17529
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17529EV/EL
-20°C to 65°C
20 VMFP
VDD
CRES
C1L
C1H
C2L
C2H
IN2B
OE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM 1/2
GND
MCU
IN1B
5.0 V
5.0 V
17529
Bipolar
Step
Motor
N
S
PGND1/2


Similar Part No. - MPC17529EV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529EV MOTOROLA-MPC17529EV Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17529EV FREESCALE-MPC17529EV Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
MPC17529EV/EL FREESCALE-MPC17529EV/EL Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
More results

Similar Description - MPC17529EV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com