Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17550 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17550
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17550 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17550 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17550
ELECTRICAL CONNECTIONS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 2.5 V, GND = 0 V, fIN = 176 kHz unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage
VM
1.6
2.5
5.5
V
Logic Supply Voltage
VDD
2.5
3.0
5.5
V
Standby Power Supply Current (8)
Motor Supply Standby Current
Logic Supply Standby Current
I
VMSTBY
I
VDDSTBY
–
–
–
–
1.0
1.0
µA
Logic Supply Current
I
VDD
–
0.3
1.0
mA
Gate Driver Circuit Power Supply Current (9)
Standby (PSB = “L”)
No Signal Operating
Input Signal Operating (10)
IDDC0
IDDCN
IDDC
–
–
–
–
1.0
19
1.0
3.0
25
µA
µA
mA
Driver Output ON Resistance (11)
RDS(ON)
–
0.7
1.2
Ω
GATE DRIVE
Gate Driver Circuit Power Supply Voltage (12)
VG
10
11.5
13
V
CONTROL LOGIC
Logic Input Voltage (13)
VIN
0
–
VDD
V
Logic Input (F, R, PSB, OE)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
VIH
VIL
IIH
IIL
VDD x 0.7
–
–
-1.0
–
–
–
–
–
VDD x 0.3
1.0
–
V
V
µA
µA
Notes
8.
Applies individually to each H-Bridge.
9.
Average inductor current for DC/DC converter (connected between VDD and LX [L = 1.0 mH, C = 2.2 µF]).
10.
Full drive (input signal to all input control terminals).
11.
The total H-bridge ON resistance when VG is 11.5 V.
12.
When voltage is supplied externally without built-in DC/DC.
13.
VIN is the voltage level applied to any input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com