Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17550 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 17550
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17550 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 17550 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
17550
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
The 17550's built-in DC/DC converter must be connected
to an external inductor, rectifier, and filter capacitor. This
step-up converter generates the gate-drive voltage, VG,
required by the internal gate driver circuits. Although there is
some latitude in selecting the values for the external
component, care must be taken that VG does not exceed
14 V. Additionally, too low an inductance will cause large
instantaneous switching currents, which may damage the
device.
Important Do not use an inductance lower than 330
µH.
To attain high-efficiency operation, the rectifier should be
a Schottky diode, and the filter capacitor should be of the low
Equivalent Series Resistance (ESR) type. Attention should
be paid to proper switch mode power supply PCB layout
practice. Some experimentation may be required to
determine optimal external component values. The
recommended starting values are L = 1.0 mH, C = 2.2
µF.
The DC/DC converter includes its own internal oscillator
and does not require an external clock input.
TYPICAL APPLICATION
Two typical application schematics are shown in Figure 6.
and Figure 7.
Figure 6. Typical 17550 Application - Controlling Stepper Motors
2.2
µF
L = 1.0 mH
10
µF
VDD
VM
GND
PSB
OE
INAR
INAF
INBF
INBR
INCR
INCF
INDF
INDR
VG
LX
HBAF
HBAR
HBBR
HBBF
HBCF
HBCR
HBDR
HBDF
MCU
N
S
N
S
17550
VM = 2.5 V
VDD = 3.0 V
47
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com