Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17550 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 17550
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17550 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 17550 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 14Page - Freescale Semiconductor, Inc 17550 Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
17550
TYPICAL APPLICATIONS
INTRODUCTION
CEMF SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commuting currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a capacitor or zener at the motor
supply voltage terminal (VM) (see Figure 8).
Figure 8. CEMF Snubbing Techniques
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com