Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17550EV Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC17550EV
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17550EV Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC17550EV Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
17550
ELECTRICAL CONNECTIONS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. DC/DC Converter Output Waveform
Figure 5. H-Bridge Output Waveform
tVGON
PSB
VG
2.1 V
VIL
VIH
10 V
tPLH
FO, RO
50%
tPHL
F, R,
50%
Table 5. Truth Table
PSB, OE
INA/INB/INC/IND
HBA/HBB/HBC/HBC
PSB
OE
IN*F
IN*R
HB*F
HB*R
H
L
L
L
L
L
H
L
L
H
L
H
H
L
H
L
H
L
H
L
H
H
Z
Z
H
H
X
X
Z
Z
L
X
X
X
Z
Z
H = High.
L = Low.
Z = High impedance.
X = Don’t care.
* = A, B, C, or D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com