Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17550EV Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC17550EV
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17550EV Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC17550EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
17550
TYPICAL APPLICATIONS
INTRODUCTION
Figure 7. Typical 17550 Application - No Internal DC-DC Used
VDD
VM
GND
PSB
OE
INAR
INAF
INBF
INBR
INCR
INCF
INDF
INDR
VG
LX
HBAF
HBAR
HBBR
HBBF
HBCF
HBCR
HBDR
HBDF
MCU
N
S
N
S
17550
VM = 2.5 V
VDD = 3.0 V
47
µF
VG 11.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com