Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17550EV Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC17550EV
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17550EV Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC17550EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC17550EV Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
17550
PACKAGING
PACKAGE DIMENSIONS
PACKAGING
PACKAGE DIMENSIONS
Important: For the most current revision of the package, visit www.freescale.com and perform a keyword search on the 98A
number listed below.
DATE 10/01/03
CASE 1522-01
ISSUE O
NOTES:
1.
2.
3.
4.
5.
ALL DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
DIMENSIONS DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT
EXCEED 0.5 MM PER END. DIMENSION DOES NOT
INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION. INTERLEAD
FLASH OR PROTRUSION SHALL NOT EXCEED
0.5 MM PER SIDE.
DIMENSIONS ARE DETERMINED AT THE OUTMOST
EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF
MOLD FLASH, TIE BAR BURRS, GATE BURRS AND
INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE PLASTIC
BODY.
TERMINAL NUMBERS ARE SHOWN FOR REFERNCE
ONLY.
VIEW Y
SECTION R-R
VIEW K
VIEW ROTATED 90˚ CW
JPN
AI
B
A
C
5.40
5.20
1.90
1.70
4X
R0.40±0.10
14˚±1˚
12˚±1˚
12.70
12.50
1.35±0.10
1.30±0.10
2X
R0.15±0.10
1.20±0.10
1.20±0.10
VIEW Y
VIEW K
3
5
4
3
4
36
1
18
19
(JPN)/CAVITY #(A1)
BOTTOM SIDE
2X
R0.15±0.10
C
0.10
36X
0.27
0.37
36X
0.13
A
CB
M
SEATING PLANE
PLATING
BASE METAL
0.37
0.27
0.27
0.15
0.13
A
CB
M
(0.30)
(0.20)
0.325
0.65
0.25
R
R
1.90
1.70
0.20
0.00
12˚±1˚
0˚- 8˚
14˚±1˚
0.69±0.20
0.60±0.20
GUAGE PLANE
4
34X
EV (Pb-FREE) SUFFIX
36-LEAD VMFP
PLASTIC PACKAGE
CASE 1522-01
ISSUE O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com