Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT0301 Datasheet(PDF) 1 Page - Comchip Technology

Part # RT0301
Description  CMOS Design for Door Bell application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RT0301 Datasheet(HTML) 1 Page - Comchip Technology

  RT0301 Datasheet HTML 1Page - Comchip Technology RT0301 Datasheet HTML 2Page - Comchip Technology RT0301 Datasheet HTML 3Page - Comchip Technology RT0301 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Door Bell Generator
The RT0301/RT0302 is a CMOS Design for Door Bell application
Features
Low Operator Voltage 3V ~ 4.5V
Auto Power down function
CMOS process
On-Chip RC oscillator
Low stand by current at 1 uA
8-Pin DIP or chip form available
Electrical Characteristics
Pin Description
Rato
RT0301/RT0302
2000.04.11
Pin Diagram
Symbol
Pin
Description
Pin
I/O
TG
Trigger Single Input
1
I
E1
"Ding" Freq
2
O
"Dong" Freq
E2
GND
Ground
Frequency put
Sound output
Frequency In
Power Source Input
SOUT
OSCO
OSCI
Vcc
3
4
5
6
7
8
I
O
O
Characteristics
Symbol Min. Typ. Max. Unit
Vcc
Iop
Isb
Ioc
Fop
Temp
-
-
-
1
-
0
3
0.1
1
-
50
25
4.5
0.5
5
-
-
70
V
mA
uA
mA
KHz
1
Vcc=3V , Temp.=25
O
I
I
Operating Voltage
Operating Current
Quiescent Current
SOUT Driving Current
Oscillator Freq
Operating Temp
Remarks
No Load
@VDS=1V
External 30%, ROSC=430K
P/N
TIMES
RT0301
1
RT0302
2
TG
E1
E2
GND
1
2
3
4
8
7
6
5
VCC
OSCI
SOUT
OSCO
RT0301/RT0302


Similar Part No. - RT0301

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
RT032037SN FPE-RT032037SN Datasheet
485Kb / 1P
RF Transformer
REV A
RT035013DN FPE-RT035013DN Datasheet
438Kb / 1P
RF Transformer
REV A
More results

Similar Description - RT0301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M581 ETC-M581 Datasheet
109Kb / 1P
DING-DONG DOOR BELL
M1D-95 ETC-M1D-95 Datasheet
190Kb / 3P
DUAL TONE WIRELESS DOOR BELL
M3D-95 ETC-M3D-95 Datasheet
135Kb / 2P
3 STATE DUAL TONES WIRELESS DOOR BELL
M602 ETC1-M602 Datasheet
102Kb / 1P
DOOR BELL DUAL TONE
M2630 ETC1-M2630 Datasheet
134Kb / 1P
SECURITY CODE WIRELESS DOOR BELL
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
Compact design for space-limited application
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
DOOR BELL DUAL TONE
2011-05-27
PSG59 MOSDESIGN-PSG59 Datasheet
110Kb / 1P
DOOR BELL DUAL TONE
2001-09-07
logo
Holtek Semiconductor In...
HT2811 HOLTEK-HT2811 Datasheet
351Kb / 4P
DING DONG FOR DOOR BELL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com