Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8280CVRP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
5
Overview
— Uses the local bus signals, removing need for additional pins
•
System interface unit (SIU)
— Clock synthesizer
— Reset controller
— Real-time clock (RTC) register
— Periodic interrupt timer
— Hardware bus monitor and software watchdog timer
— IEEE 1149.1 JTAG test access port
•
12-bank memory controller
— Glueless interface to SRAM, page mode SDRAM, DRAM, EPROM, Flash and other user- definable
peripherals
— Byte write enables and selectable parity generation
— 32-bit address decodes with programmable bank size
— Three user-programmable machines, general-purpose chip-select machine, and page-mode pipeline
SDRAM machine
— Byte selects for 64-bus width (60x) and byte selects for 32-bus width (local)
— Dedicated interface logic for SDRAM
•
CPU core can be disabled and the device can be used in slave mode to an external core
•
Communications processor module (CPM)
— Embedded 32-bit communications processor (CP) uses a RISC architecture for flexible support for
communications protocols
— Interfaces to G2_LE core through an on-chip 32-Kbyte dual-port data RAM, an on-chip 32-Kbyte
dual-port instruction RAM and DMA controller
— Serial DMA channels for receive and transmit on all serial channels
— Parallel I/O registers with open-drain and interrupt capability
— Virtual DMA functionality executing memory-to-memory and memory-to-I/O transfers
— Three fast communications controllers supporting the following protocols:
– 10/100-Mbit Ethernet/IEEE 802.3 CDMA/CS interface through media independent interface (MII)
or reduced media independent interface (RMII)
– ATM—Full-duplex SAR protocols at 155 Mbps, through UTOPIA interface, AAL5, AAL1, AAL0
protocols, TM 4.0 CBR, VBR, UBR, ABR traffic types, up to 64 K external connections (no ATM
support for the MPC8270)
– Transparent
– HDLC—Up to T3 rates (clear channel)
– FCC2 can also be connected to the TC layer (MPC8280 only)
— Two multichannel controllers (MCCs) (one MCC on the MPC8270)
– Each MCC handles 128 serial, full-duplex, 64-Kbps data channels. Each MCC can be split into four
subgroups of 32 channels each.
– Almost any combination of subgroups can be multiplexed to single or multiple TDM interfaces up
to four TDM interfaces per MCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com