Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRP Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRP Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
19
AC Electrical Characteristics
6.2 SIU AC Characteristics
NOTE: CLKIN Jitter and Duty Cycle
The CLKIN input to the MPC8280 should not exceed +/– 150 psec of jitter
(peak-to-peak). This represents total input jitter—the combination of short term
(cycle-to-cycle) and long term (cumulative). The duty cycle of CLKIN should not
exceed the ratio of 40:60. The rise/file time of CLKIN should adhere to the typical
SDRAM device AC clock requirement of 1 V/ns to meet SDRAM AC specs.
NOTE: Spread Spectrum Clocking
Spread spectrum clocking is allowed with 1% input frequency down-spread at
maximum 60 KHz modulation rate regardless of input frequency.
NOTE: PCI AC Timing
The MPC8280 meets the timing requirements of PCI Specification Revision 2.2.
Refer to Sections 7.2 and 7.3 and “Note: Tval (Output Hold)” to determine if a
specific clock configuration is compliant.
Table 11 lists SIU input characteristics.
Table 11. AC Characteristics for SIU Inputs 1
1
Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66 MHz
83 MHz 100 MHz 66 MHz
83 MHz 100 MHz
sp11
sp10 AACK/TA/TS/DBG/BG/BR/ARTRY/
TEA
6
5
3.50.5
0.50.5
sp12
sp10 Data bus in normal mode
5
4
3.5
0.5
0.5
0.5
sp13
sp10 Data bus in ECC and PARITY modes
7
5
3.5
0.5
0.5
0.5
sp13a
sp10 Pipeline mode—Data bus (with or
without ECC/PARITY)
5
4
2.5
0.5
0.5
0.5
sp14
sp10 DP pins
7
5
3.5
0.5
0.5
0.5
sp14a
sp10 Pipeline mode—DP pins
—
4
2.5
—
0.5
0.5
sp15
sp10 All other pins
5
4
3.5
0.5
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com