Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRP Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRP Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8280CVRP Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
12
Freescale Semiconductor
Thermal Characteristics
4.2 Estimation with Junction-to-Case Thermal Resistance
Historically, the thermal resistance has frequently been expressed as the sum of a junction-to-case thermal resistance
and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal environment to affect the
case-to-ambient thermal resistance, RθCA. For instance, the user can change the air flow around the device, add a
heat sink, change the mounting arrangement on the printed circuit board, or change the thermal dissipation on the
printed circuit board surrounding the device. This thermal model is most useful for ceramic packages with heat sinks
where some 90% of the heat flows through the case and the heat sink to the ambient environment. For most
packages, a better model is required.
4.3 Estimation with Junction-to-Board Thermal Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%) is a two-resistor model
consisting of a junction-to-board and a junction-to-case thermal resistance. The junction-to-case thermal resistance
covers the situation where a heat sink is used or where a substantial amount of heat is dissipated from the top of the
package. The junction-to-board thermal resistance describes the thermal performance when most of the heat is
conducted to the printed circuit board. It has been observed that the thermal performance of most plastic packages,
especially PBGA packages, is strongly dependent on the board temperature.
If the board temperature is known, an estimate of the junction temperature in the environment can be made using
the following equation:
TJ = TB + (RθJB × PD)
where:
RθJB = junction-to-board thermal resistance (ºC/W)
TB = board temperature (ºC)
PD = power dissipation in package
If the board temperature is known and the heat loss from the package case to the air can be ignored, acceptable
predictions of junction temperature can be made. For this method to work, the board and board mounting must be
similar to the test board used to determine the junction-to-board thermal resistance, namely a 2s2p (board with a
power and a ground plane) and by attaching the thermal balls to the ground plane.
4.4 Estimation Using Simulation
When the board temperature is not known, a thermal simulation of the application is needed. The simple two-resistor
model can be used with the thermal simulation of the application, or a more accurate and complex model of the
package can be used in the thermal simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com