Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXM2202
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2202 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXM2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MPXM2202
Sensors
Freescale Semiconductor
3
Table 2. Operating Characteristics (VS = 10 Vdc, TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0—
200
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—10
16
Vdc
Supply Current
IO
—6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
38.5
40
41.5
mV
Offset(4)
MPXM2202D/G Series
MPXM2202A Series
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
VOFF
-1.0
-2.0
—
—
1.0
2.0
mV
Sensitivity
∆V/∆P—
0.2
—
mV/kPa
Linearity(5)
MPXM2202D/G Series
MPXM2202A Series
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative to 25°C.
—
—
-0.6
-1.0
—
—
0.4
1.0
%VFSS
Pressure Hysteresis(5) (0 to 100 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis(5) (-40
°C to +125°C)
—
—
±0.5
—
%VFSS
Temperature Effect on Full Scale Span(5)
TCVFSS
-2.0
—
2.0
%VFSS
Temperature Effect on Offset(5)
TCVOFF
-1.0
—
1.0
mV
Input Impedance
ZIN
1000
—
2500
Ω
Output Impedance
ZOUT
1400
—
3000
Ω
Response Time(6) (10% to 90%)
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—
ms
Warm-Up
—
—
20
—
ms
Offset Stability(7)
7. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com