Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXM2202
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2202 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXM2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MPXM2202
Sensors
4
Freescale Semiconductor
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: VOUT = VOFF + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user. The
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange
pressure.
Figure 2. Linearity Specification Comparison
ON-CHIP TEMPERATURE COMPENSATION AND
CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPXM2202 series at 25
°C. The output
is directly proportional to the differential pressure and is es-
sentially a straight line.
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Figure 3. Output versus Pressure Differential
Pressure(% Fullscale)
050
100
End Point Straight Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Least
Square
Deviation
Straight Line
Deviation
Offset
Least
Square
Deviation
kPa
PSI
40
35
30
25
15
10
5
0
-5
050
7.25
100
14.5
150
21.75
200
29
20
MAX
TYP
MIN
Offset
(TYP)
Span
Range
(TYP)
25
75
125
175
VS = 10 Vdc
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com