Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2202
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2202 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2202 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MPXM2202
Rev 2, 09/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
200 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPXM2202 device is a silicon piezoresistive pressure sensors providing
a highly accurate and linear voltage output directly proportional to the applied
pressure. The sensor is a single, monolithic silicon diaphragm with the strain
gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
Temperature Compensated Over 0
°C to + 85°C
Available in Easy-to-Use Tape and Reel
Ratiometric to Supply Voltage
Gauge Ported and Non Ported Options
Typical Applications
Pump/Motor Controllers
Robotics
Level Indicators
Medical Diagnostics
Pressure Switching
Barometers
Altimeters
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Non-
ported
Absolute,
Element Only
1320 MPXM2202D
Rails
MPXM2202D
Absolute,
Element Only
1320 MPXM2202DT1
Tape & Reel MPXM2202D
Absolute,
Element Only
1320 MPXM2202A
Rails
MPXM2202A
Absolute,
Element Only
1320 MPXM2202AT1
Tape & Reel MPXM2202A
Ported
Absolute, Axial
Port
1320A MPXM2202GS
Rails
MPXM2202G
Absolute, Axial
Port
1320A MPXM2202GST1
Tape & Reel MPXM2202G
Absolute, Axial
Port
1320A MPXM2202AS
Rails
MPXM2202A
Absolute, Axial
Port
1320A MPXM2202AST1
Tape & Reel MPXM2202A
MPXM2202
SERIES
COMPENSATED AND CALIBRATED
PRESSURE SENSOR
0 TO 200 kPA (0 TO 29 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
GND
3
VS
2
+VOUT
4
-VOUT
MPAK PACKAGE
MPXM2202D/A
CASE 1320-02
MPXM2202GS/AS
CASE 1320A-02


Similar Part No. - MPXM2202

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPXM2202A MOTOROLA-MPXM2202A Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPXM2202A MOTOROLA-MPXM2202A Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2202A FREESCALE-MPXM2202A Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2202A FREESCALE-MPXM2202A Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2202

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPVZ2202 FREESCALE-MPVZ2202 Datasheet
98Kb / 7P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com