Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM121 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ASM121
Description  SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM121 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ASM121 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
aSM121
- 5 -
© Andigilog, Inc. 2004
www.andigilog.com
July 2005 - 70A04006
Typical Applications (cont.)
3.3V
WR
5K
15K
IN
VREF
1.75V
15K
+
_
PARALLEL
DATA
OUTPUT
INTR
CS
RD
8
Parallel Output
Analog-to-Digital
Converter
aSM121
U1
U3
U2
Figure 4. Parallel Output Temperature to Digital Converter (Full Scale = +125˚C)
U1
R1
2.5V
R3
VTemp
VOUT
+
–
R2
3.3
R4
3.3
0.1
μF
VT
U2
U3
aSM121
Shunt
Voltage
Reference
Figure 5. Thermostat / Fan Controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com