Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASM121
Description  SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASM121 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
New Release Specification
© Andigilog, Inc. 2004
www.andigilog.com
July 2005 - 70A04006
SIMISTOR™ TEMPERATURE SENSOR
ULTRA-LOW-POWER SILICON THERMISTOR
aSM121
PRODUCT SPECIFICATION
General Description
The aSM121 is a high-precision, 3-lead CMOS silicon
thermistor in an ultra-small leadless package that provides
a cost-effective solution for applications requiring high-
accuracy low-power temperature monitoring. The aSM121
functions in a way that is similar to a PTC thermistor.
However, it is linear-calibrated, enabling application
developers to directly interpret output voltage as
temperature without complex compensation for non-
linearity.
The aSM121 output voltage ramp has a positive slope of
10mV/°C that is independent of supply voltage. The
aSM121 has a guaranteed room temperature (25°C)
accuracy of ±1°C. The aSM121 does not require external
calibration - each device is calibrated at the factory.
Features
•
Precision Calibrated to ±1°C at 25°C
•
Temperature Range: -30°C to 125°C
•
Extremely Linear Output Ramp: 10mV/°C
•
0
°C Output: 0.50V
•
Output Ramp is Calibrated to Degrees Celsius
•
Low Operating Current: 14
μA
•
Operating Voltage Range: +2.7 V to +3.6V
•
Non-linearity: ≤ 0.8
°C
•
1.2mm x 1.5mm QFN Package
Applications
•
Mobile Phones
•
Mobile Communications Terminals
•
Computers
•
Battery Management
•
FAX Machines/Printers/Copiers
•
Portable Medical Instruments
•
HVAC, Power Supply Modules
•
Disk Drives
•
Automotive Control Circuits
Pin Configuration
GND
V
OUT
1
aSM121
V
DD
QFN-3
2
3
GND
V
OUT
1
aSM121
V
DD
QFN-3
2
3
Top view, contacts underneath,
actual part marking below
Accuracy vs Temperature
Temperature (°C)
-3
-2
-1
0
1
2
3
upper spec limits
0
80
100
lower spec limits
-
-
-
25
120
125
60
40
20
-20
-40
4
-4
Temperature (°C)
-3
-2
-1
0
1
2
3
upper spec limits
0
80
100
lower spec limits
-
-
-
25
120
125
60
40
20
-20
-40
4
-4
Ordering Information
Part Number
Package
Temperature Range
Part Marking
How Supplied
aSM121Q3
3-Lead QFN
-30˚C to +125˚C
Jm
3000 units on T&R
m – month / year code


Similar Part No. - ASM121

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM1232LPCMA ALSC-ASM1232LPCMA Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
ASM1232LPEMA ALSC-ASM1232LPEMA Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
More results

Similar Description - ASM121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Murata Manufacturing Co...
NTSA0XH103FE1B0 MURATA-NTSA0XH103FE1B0 Datasheet
1Mb / 44P
NTC Thermistor for Temperature Sensor Thermo String Type
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
Low-Power Digital Temperature Sensor
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com