Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM121 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ASM121
Description  SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM121 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ASM121 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM121 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
aSM121
- 6 -
© Andigilog, Inc. 2004
www.andigilog.com
July 2005 - 70A04006
QFN-3 Package Dimensions and PC Layout Pattern
Note: Solder mask is recommended to be 0.07mm larger than PC lands.
Figure 6. Package Outline
Tape and Reel Data
Figure 7. Tape Dimensions and Part Orientation
Æ1.00 + 0.25
Æ1.50 + 0.10
3.50 ± 0.05
2.00 ± 0.05
8.00 + 0.30
- 0.10
4.00 ± 0.10
4.00 ± 0.10
1.35 ± 0.10
10 MAX
10 MAX
1.75 ± 0.10
1.02 ± 0.10
0.254 ± 0.013
SEC - AA
SEC - AA
SEC - BB
SEC - BB
1.75 ± 0.10
Part
Orientation
Pin 1 Dot
Marking
QFN 3L
(1.2mm x 1.5mm)
Top View
Bottom View
Side View
1.500
± 0.050
1.200
±0.050
1.000
±0.050
1.050
±0.050
1.000 ± 0.050
Exposed Pad
0.200
±0.050
0.350
±0.050
0.500
± 0.050 2-PL
0.000
±0.050
0.750
± 0.025
1
2
3
0.203
±0.025
0.200
±0.050
0.250
± 0.050
0.350
± 0.050
0.2 mm
+ 0.10
-0.0
0.2 mm
+ 0.10
-0.0
0.2 mm
+ 0.10
-0.0
0.6 mm
+ 0.10
-0.0
0.5 mm
+ 0.10
-0.0
0.5 mm
+ 0.10
-0.0
Ref. Package
Outline
1.1 mm
+ 0.10
-0.0
PC Layout Pattern
Pin 1 Dot
Marking
QFN 3L
(1.2mm x 1.5mm)
Top View
Bottom View
Side View
1.500
± 0.050
1.200
±0.050
1.000
±0.050
1.050
±0.050
1.000 ± 0.050
Exposed Pad
0.200
±0.050
0.350
±0.050
0.500
± 0.050 2-PL
0.000
±0.050
0.750
± 0.025
1
2
3
0.203
±0.025
0.200
±0.050
0.250
± 0.050
0.350
± 0.050
0.2 mm
+ 0.10
-0.0
0.2 mm
+ 0.10
-0.0
0.2 mm
+ 0.10
-0.0
0.6 mm
+ 0.10
-0.0
0.5 mm
+ 0.10
-0.0
0.5 mm
+ 0.10
-0.0
Ref. Package
Outline
1.1 mm
+ 0.10
-0.0
PC Layout Pattern



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com