Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS51 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATS51
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS51 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATS51 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 2 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03203-004
aTS51
Absolute Maximum Ratings
1
Notes:
1.
Absolute maximum ratings are limits beyond
which operation may cause permanent damage to
the device. These are stress ratings only;
functional operation at or above these limits is not
implied.
2.
Human Body Model: 100pF capacitor discharged
through a 1.5k
Ω resistor into each pin. Machine
Model: 200pF capacitor discharged directly into
each pin.
3.
These specifications are guaranteed only for the
test conditions listed.
Recommended Operating Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage
+2.7
+6
V
VOUT
Output Voltage
0
VDD
V
TA
Operating Temperature Range
-40
+125
°C
Electrical Characteristics
3
Limits apply for -40°C ≤ T A≤+125°C and V DD= + 5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Accuracy
4
TA=+25°C
TA=-40°C (TMIN)
TA=+125°C (TMAX)
-1
-3
-3
±0.5
±1
±1
+1
+3
+3
°C
°C
°C
Non-linearity
5
±0.8
°C
Supply Current – Output floating
IDD
TA=+25°C
130
μA
Output Sink Capability
6
IOL
+2.7V < VDD < +6V
1
mA
Output Source Capability
6
IOH
+2.7V < VDD < +6V
1
mA
Average Output Slope
(Sensor Gain)
AOUT
10
mV/°C
Room Temperature Output
Voltage
VOUT25
TA=+25°C
750
mV
Self Heating
7
SOT-23
0.21840
°C
Notes:
4.
Accuracy (expressed in °C) = Difference between calculated output voltage and measured output voltage.
Calculated output voltage = 10mV/°C multiplied by device’s case temperature at specified conditions of
temperature, voltage and power supply.
5.
Non-linearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight
line, over the device’s rated temperature range.
6.
Lowest output current should be targeted; higher currents result in more self-heating of the device.
7.
Max Self Heating = θJA x (VDD x IDD). Assumes a capacitive load.
Parameter
Rating
Supply Voltage
+7V
Output Voltage
VDD + 0.5V
Continuous Current, any terminal
15mA
Storage Temperature Range
-60°C to +150°C
Human Body Model
2000V
ESD
2
Machine Model
250V
Thermal Resistance - θJA
336°C/W
Vapor Phase (60 sec)
215°C
Lead
Temp
Infrared (15 sec)
220°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com