Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS51 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATS51
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS51 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATS51 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 3 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03203-004
aTS51
25
50
75
100
125
-25
-50 -40
0
1750
100
750
500
V
OUT (mV)
Temperature (ºC)
1500
Temp (ºC) = (V
OUT – 500mV) / 10mV/ºC
25
50
75
100
125
-25
-50 -40
0
1750
100
750
500
V
OUT (mV)
Temperature (ºC)
1500
25
50
75
100
125
-25
-50 -40
0
25
50
75
100
125
-25
-50 -40
0
1750
100
750
500
V
OUT (mV)
Temperature (ºC)
1500
Temp (ºC) = (V
OUT – 500mV) / 10mV/ºC
Figure 1. aTS51 Output Voltage vs. Temperature
Mounting
The aTS51 can be easily mounted by gluing or
cementing it to a surface. In this case, its temperature
will be within about 0.2°C of the temperature of the
surface it is attached to if the ambient air temperature
is almost the same as the surface temperature. If the
air temperature is much higher or lower than the
surface temperature, the actual temperature of the
aTS51 die will be at an intermediate temperature
between the surface temperature and the air
temperature.
To ensure good thermal conductivity, the backside of
the aTS51 die is directly attached to the GND pin. The
lands and traces to the aTS51 will, of course, be part of
the printed circuit board, which is the object whose
temperature is being measured. These printed circuit
board lands and traces will not cause the aTS51’s
temperature to deviate from the desired temperature.
Alternatively, the aTS51 can be mounted inside a
sealed-end metal tube, and can then be dipped into a
bath or screwed into a threaded hole in a tank. As
with any IC, the aTS51 and accompanying wiring and
circuits must be kept insulated and dry to avoid
leakage and corrosion. This is especially true if the
circuit may operate at cold temperatures where
condensation can occur. Printed-circuit coatings and
varnishes such as Humiseal and epoxy paint or dips
can be used to ensure that moisture cannot corrode
the aTS51 or its connections.
NOTE: When taking advantage of the high current drive capability of the aTS51 while
driving resistive loads, it is necessary to apply the appropriate thermal mounting
techniques as described above. Failure to do so will result in a loss of accuracy due to
increased self heating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com