Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS51 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATS51
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS51 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ATS51 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS51 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03203-004
aTS51
SOT-23 Package Dimensions
Tape and Reel Data
W
8.00 + 0.30 / -0.10 mm
A0
3.15 ± 0.10 mm
B
B
0
2.77 ± 0.10 mm
K0
1.22 ± 0.10 mm
P0
4.00 ± 0.10 mm
P1
4.00 ± 0.10 mm
P2
2.00 ± 0.05 mm
T
0.29 ± 0.13 mm
F
3.50 ± 0.05 mm
0.370 mm (min)
0.510 mm (max)
1.200 mm (min)
1.400 mm (max)
2.100 mm (min)
2.640 mm (max)
0.450 mm (min)
0.600 mm (max)
2.800 mm (min)
3.040 mm (max)
0.890 mm (min)
1.120 mm (max)
0.013 mm (min)
0.100 mm (max)
1.780 mm (min)
2.050 mm (max)
0.55ref mm
0.085 mm (min)
0.180 mm (max)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com