Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS75 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATS75 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
- 5 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
Comparator Mode
In Comparator Mode, each time an temperature-to-
digital(T-to-D) temperature conversion occurs, the new
digital temperature is compared to the value stored in the
TOS and THYST Registers.
If a fault tolerance number of
consecutive temperature measurements are greater than
the value stored in the TOS Register, the O.S. output will be
activated. For example, if bits F1 and F0 are equal to “10”
(fault
tolerance
=
4),
four
consecutive
temperature
measurements must exceed TOS to activate the O.S.
output.
Once the O.S output is active, it will remain active
until the first time the measured temperature drops below
the temperature stored in the THYST Register.
The
operation of the alarm in Comparator Mode with fault
tolerance=2 is illustrated in Figure 1.
Interrupt Mode
In Interrupt Mode the O.S. output will first become active
after a fault tolerance number of consecutive temperature
measurements exceed the value stored in the TOS Register
(similar to Comparator Mode). Once O.S. is active, it can
only be cleared by a user read from any of the aTS75
registers (Temperature, Configuration, TOS, or THYST) or by
putting the aTS75 into Shutdown Mode (i.e., by setting the
shutdown bit in the Configuration Register to “1”).
Once
cleared, the O.S. output can only be activated again by a
fault
tolerance
number
of
consecutive
temperature
measurements that are lower than the value stored in
THYST. Again, once it is activated the O.S. output can only
be deactivated by a user read or shutdown.
Thus, in
Interrupt Mode the activate/clear cycle for O.S. has the
following
pattern:
temperature
>
TOS,
clear,
temperature < THYST, clear, temperature > TOS, clear, etc.
The operation of the alarm in Interrupt Mode with fault
tolerance=2 is also illustrated in Figure 1.
For this example:
Fault Tolerance = 2
Output Polarity = Active Low
Read (or Shutdown)
TOS
THYST
Temperature-to-Digital
Conversion
O.S. (Comparator Mode)
O.S. (Interrupt Mode)
Figure 1. Thermal Alarm Operation in Comparator and Interrupt Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com