Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS75 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS75 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Fully Released Specification
- 1 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
With Thermal Alarm
aTS75
PRODUCT SPECIFICATION
V
Product Description
The aTS75 is a CMOS temperature sensor with a Delta-
Sigma temperature-to-digital converter and a SMBus
compatible serial digital interface. The aTS75 is accurate
to ±2° at 25°C and to ±3°C over the range of 0°C to 100°C.
The aTS75 provides digital temperature data with 9- to 12-
bit resolution.
The default resolution is 9-bits, but for
applications requiring higher resolution, the user can
program the aTS75 to provide 10-, 11-, or 12-bit data.
The aTS75 features a thermal alarm function with a user-
programmable trip temperature and turn-off temperature.
This alarm can operate in two modes — interrupt mode and
comparator mode — which allows flexibility for many types
of applications.
The aTS75 is available in SOIC-8 and MSOP-8 surface
mount packages.
Features
User Configurable to 9-, 10-, 11-, or 12-bit Resolution
Calibrated to ±3°C from 0°C to 100°C
Temperature Range: -30°C to 125°C
Low Operating Current (less than 250
μA)
Low Self Heating (0.2°C max in still air)
Operating Voltage Range: 2.7V to 5.5V
Applications
Battery Management
FAX Management
Printers
Portable Medical Instruments
HVAC
Power Supply Modules
Disk Drives
Computers
Automotive
Pin Configuration
1
2
3
4
5
6
7
8
GND
O.S.
SCL
SDA
VDD
A0
A1
A2
SOP8 and MSOP8
aTS75
Application Diagram
2.7V to 5.5V
Ordering Information
Part Number
Package
Temperature Range
Marking
How Supplied
aTS75D8
8-Lead SOIC
-30°C to 125°C
aTS75
AYWW
2500 units Tape & Reel
aTS75M8
8-Lead MSOP
-30°C to 125°C
TS75
AYWW
2500 units Tape & Reel
AYWW – assembly site code, last digit of year, workweek
aTS75
8 Pin
Configuration
O.S.
8
7
A0
User
6
Programmable
A1
Address
5
A2
3
1
SDA
SMBus
2
Interface
SCL


Similar Part No. - ATS75

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS IRF-ATS Datasheet
145Kb / 10P
HIGH RELIABILITY DC/DC CONVERTER
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
ATS CK-COMPONENTS-ATS Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
logo
YAGEO Corporation
ATS YAGEO-ATS Datasheet
425Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
TOKYO KEISO CO.,LTD.
ATS KEISO-ATS Datasheet
111Kb / 2P
Multi-points and averaging temperature sensor
Oct 2017
More results

Similar Description - ATS75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7521A ETC2-ASC7521A Datasheet
276Kb / 18P
LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com