Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS75 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATS75 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
- 8 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
Over-Limit-Signal Temperature Register (TOS)
The TOS Register is a two-byte (16-bit) read/write register
that
stores
the
user-programmable
upper
trip-point
temperature for the thermal alarm in two’s-complement
format.
At power-up this register defaults to 80°C (i.e.,
0101 0000 0000 0000.
The format of the TOS Register is identical to that of the
Temperature Register (see Figure 6). The 4 LSBs of the
TOS Register are hardwired to zero, so data written to these
register bits will be ignored. The MSB position of the TOS
Register contains the sign bit for the digital temperature
and bit 14 contains the temperature MSB.
The resolution setting for the T-to-D conversion determines
how many bits of the TOS Register are used by the thermal
alarm.
For example, for 9-bit conversions the trip-point
temperature is defined by the 9 MSBs of the TOS Register,
and all remaining bits are “don’t cares”.
Hysteresis Temperature Register (THYST)
The THYST Register is a two-byte (16-bit) read/write register
that
stores
the
user
programmable
lower
trip-point
temperature for the thermal alarm in two's complement
format. At power-up this register defaults to 75°C (i.e.,
0100 1011 0000 0000).
The THYST Register is illustrated in Figure 6. The format of
this register is the same as
that of the Temperature
Register. The 4 LSBs of the THYST Register are hardwired
to zero, so data written to these bits is ignored.
The resolution setting for the T-to-D conversion determines
how many bits of the THYST Register are used by the
thermal alarm.
For example, for 9-bit conversions the
hysteresis temperature is defined by the 9 MSBs of the
THYST Register, and all remaining bits are “don’t cares”.
SB = Two’s complement sign bit
TMSB = Hysteresis temperature MSB
T = Temperature data
9-bit LSB = Hysteresis temperature LSB for 9-bit conversions
10-bit LSB = Hysteresis temperature LSB for 10-bit conversions
11-bit LSB = Hysteresis temperature LSB for 11-bit conversions
12-bit LSB = Hysteresis temperature LSB for 12-bit conversions
LSB
9-bit
LSB
10-bit
LSB
11-bit
LSB
12-bit
LSB
0
0
0
0
MSB
SB TMSB
T
T
T
T
T
T
10
9
8
7
6
5
4
3
2
1
14
13
12
11
Figure 6. THYST Register and TOS Register Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com