Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F136JS Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB95F136JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F136JS Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB95F136JS Datasheet HTML 34Page - fujitsu semiconductor MB95F136JS Datasheet HTML 35Page - fujitsu semiconductor MB95F136JS Datasheet HTML 36Page - fujitsu semiconductor MB95F136JS Datasheet HTML 37Page - fujitsu semiconductor MB95F136JS Datasheet HTML 38Page - fujitsu semiconductor MB95F136JS Datasheet HTML 39Page - fujitsu semiconductor MB95F136JS Datasheet HTML 40Page - fujitsu semiconductor MB95F136JS Datasheet HTML 41Page - fujitsu semiconductor MB95F136JS Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
MB95130M Series
38
• Operating voltage - Operating frequency (When TA = − 40 °C to + 85 °C)
• MB95F133MS/F133NS/F133JS/F134MS/F134NS/F134JS/F136MS/F136NS/F136JS/F133MW/F133NW/
MB95F133JW/F134MW/F134NW/F134JW/F136MW/F136NW/F136JW
• Operating voltage - Operating frequency (When TA = + 5 °C to + 35 °C)
• MB95FV100D-103
16.25 MHz
0.5 MHz
2.42
3 MHz
5.5
131.072 kHz
16.384 kHz
2.42
32 kHz
5.5
10 MHz
3.5
Source clock frequency (FSPL)
Sub PLL, sub clock mode and
watch mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range
2.7
5.5
131.072 kHz
16.384 kHz
2.7
32 kHz
5.5
16.25 MHz
0.5 MHz 3 MHz
10 MHz
3.5
Source clock frequency (FSPL)
Sub PLL, sub clock mode and
watch mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com