Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F136JS Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB95F136JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F136JS Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB95F136JS Datasheet HTML 1Page - fujitsu semiconductor MB95F136JS Datasheet HTML 2Page - fujitsu semiconductor MB95F136JS Datasheet HTML 3Page - fujitsu semiconductor MB95F136JS Datasheet HTML 4Page - fujitsu semiconductor MB95F136JS Datasheet HTML 5Page - fujitsu semiconductor MB95F136JS Datasheet HTML 6Page - fujitsu semiconductor MB95F136JS Datasheet HTML 7Page - fujitsu semiconductor MB95F136JS Datasheet HTML 8Page - fujitsu semiconductor MB95F136JS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
MB95130M Series
5
(Continued)
*1 : For ROM capacity and RAM capacity, refer to “1. Memory space” in “
■ CPU CORE”.
*2 : For details of option, refer to “
■ MASK OPTION”.
*3 : Specify clock mode when ordering MASK ROM.
*4 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of evaluation product in MB95130M series is MB95FV100D-103.
When using it, the MCU board (MB2146-303A) is required.
Part number
Parameter
MB95136M
MB95F133MS
MB95F134MS
MB95F136MS
MB95F133NS
MB95F134NS
MB95F136NS
MB95F133MW
MB95F134MW
MB95F136MW
MB95F133NW
MB95F134NW
MB95F136NW
MB95F133JS
MB95F134JS
MB95F136JS
MB95F133JW
MB95F134JW
MB95F136JW
8/16-bit
compound
timer
Each channel of the timer can be used as "8-bit timer x 2 channels" or "16-bit timer x 1 channel".
Built-in timer function, PWC function, PWM function, capture function and square wave-form output
Count clock: 7 internal clocks and external clock can be selected.
16-bit PPG
PWM mode or one-shot mode can be selected.
Counter operating clock: Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
Each channel of the PPG can be used as "8-bit PPG x 2 channels" or "16-bit PPG x 1 channel".
Counter operating clock: Eight selectable clock sources
Watch
counter
(for dual
clock
product)
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1 minute when selecting clock
source 1 second and setting counter value to 60)
Watch
prescaler
(for dual
clock
product)
Four selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External
interrupt
(8 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *4
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
(MB95F136MS/F136NS/F136JS/F136MW/F136NW/F136JW)
Standby mode Sleep, stop, watch (for dual clock product), and timebase timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com