Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F136JS Datasheet(PDF) 52 Page - fujitsu semiconductor

Part # MB95F136JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F136JS Datasheet(HTML) 52 Page - fujitsu semiconductor

Back Button MB95F136JS Datasheet HTML 48Page - fujitsu semiconductor MB95F136JS Datasheet HTML 49Page - fujitsu semiconductor MB95F136JS Datasheet HTML 50Page - fujitsu semiconductor MB95F136JS Datasheet HTML 51Page - fujitsu semiconductor MB95F136JS Datasheet HTML 52Page - fujitsu semiconductor MB95F136JS Datasheet HTML 53Page - fujitsu semiconductor MB95F136JS Datasheet HTML 54Page - fujitsu semiconductor MB95F136JS Datasheet HTML 55Page - fujitsu semiconductor MB95F136JS Datasheet HTML 56Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
MB95130M Series
52
(9) Clock Supervisor Clock
(VCC
= AVCC = 5 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
Parameter
Sym-
bol
Value
Unit
Remarks
Min
Typ
Max
Oscillation frequency
fOUT
50
100
200
kHz
Oscillation start time
twk
⎯⎯
10
µs
Current consumption
ICSV
⎯
20
36
µA
Current consumption of built-in
CR oscillator at 100 kHz
oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com