Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K270J15C0GF5TL2.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K270J15C0GF5TL2..
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K270J15C0GF5TL2.. Datasheet(HTML) 5 Page - Vishay Siliconix

  K270J15C0GF5TL2.. Datasheet HTML 1Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 2Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 3Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 4Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 5Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 6Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 7Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
5
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Lead diameter is 0.5 mm
• Tolerance is + 80 %/- 20 %
• # 13th digit is packaging code: Bulk = 3; Reel = T; Ammo = U
• # 14th digit is lead style code: L; H; K (L and H are preferred lead configuration)
• # 15th digit is lead spacing code: 2.5 mm = 2; 5.0 mm = 5
TAPING AND PACKAGING
LABELLING
Each reel is provided with a label showing the following
details:
Manufacturer, K style, capacitance, tolerance, batch
number, quantity of components, rated voltage, dielectric.
On special request other designations can be shown.
For example:
Note
(1) SPQ contains one or a multiple of poly-bags, 1000 units per bag.
DIELECTRIC Y5V
CAP.
(pF)
50 VDC
100 VDC
SMALLER SIZE
NORMAL SIZE
NORMAL SIZE
10 000
K103Z10Y5VF5###
K103Z15Y5VF5###
K103Z15Y5VH5###
15 000
K153Z10Y5VF5###
K153Z15Y5VF5###
K153Z15Y5VH5###
22 000
K223Z10Y5VF5###
K223Z15Y5VF5###
K223Z15Y5VH5###
33 000
K333Z10Y5VF5###
K333Z15Y5VF5###
K333Z15Y5VH5###
47 000
K473Z10Y5VF5###
K473Z15Y5VF5###
K473Z15Y5VH5###
68 000
K683Z10Y5VF5###
K683Z15Y5VF5###
K683Z15Y5VH5###
100 000
K104Z10Y5VF5###
K104Z15Y5VF5###
K104Z15Y5VH5###
150 000
K154Z10Y5VF5###
K154Z15Y5VF5###
K154Z20Y5VH5###
220 000
-
K224Z15Y5VF5###
K224Z20Y5VH5###
330 000
-
K334Z20Y5VF5###
-
470 000
-
K474Z20Y5VF5###
-
680 000
-
K684Z20Y5VF5###
-
1 000 000
-
K105Z20Y5VF5###
-
PACKAGING QUANTITIES AND BOX DIMENSIONS
PACKAGING
SIZE CODE
SMALLEST PACKAGING
QUANTITY (SPQ)
BOX DIMENSIONS
L x W x H (mm)
Tape on reel
10, 15
4000
370 x 370 x 60
20
3000
Ammopack
10, 15, 20
2500
335 x 290 x 50
Bulk (1)
10, 15, 20
5000
245 x 120 x 65



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com