Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K270J15C0GF5TL2.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K270J15C0GF5TL2..
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K270J15C0GF5TL2.. Datasheet(HTML) 1 Page - Vishay Siliconix

  K270J15C0GF5TL2.. Datasheet HTML 1Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 2Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 3Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 4Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 5Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 6Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 7Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
1
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Radial Leaded Multilayer Ceramic Capacitors for General Purpose
Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
FEATURES
• High capacitance with small size
• High reliability
• Crimp and straight leadstyles
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature compensation
• Coupling and decoupling
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198” and voltage marks.
OPERATING TEMPERATURE RANGE
C0G, X7R: - 55 °C to + 125 °C
Y5V: - 30 °C to + 85 °C
TEMPERATURE CHARACTERISTICS
Class 1: C0G
Class 2: X7R
Class 3: Y5V
SECTIONAL SPECIFICATIONS
Climatic category (acc. to EN 60058-1)
Class 1 and 2: 55/125/21
Class 3: 30/85/21
APPROVALS
EIA 198
IEC 60384-9
DESIGN
• The capacitors consist of a general purpose MLCC
• The lead wires are 0.5 mm and are made of 100 % tinned
copper clad steel wire
• The capacitors may be supplied with straight or kinked
leads having a lead spacing of 2.5 mm and 5.0 mm
• Coating is made of yellow colored flame retardant epoxy
resin in accordance with UL 94 V-0
CAPACITANCE RANGE
10 pF to 1 μF
TOLERANCE ON CAPACITANCE
± 5 %, ± 10 %, ± 20 %, + 80 %/- 20 %
RATED VOLTAGE
50 VDC, 100 VDC, 200 VDC, 500 VDC
TEST VOLTAGE
• 50 VDC and 100 VDC: 250 % of rated voltage
• 200 VDC: 150 % of rated voltage + 100 VDC
• 500 VDC: 130 % of rated voltage + 100 VDC
INSULATION RESISTANCE AT 500 VDC
• 50 VDC and 100 VDC: 100 G or 1000 F whichever is less
at rated voltage within 2 min of charging
• 200 VDC and 500 VDC: 10 G or 100 F whichever is less
at rated voltage within 2 min of charging
DISSIPATION FACTOR
Class 1
0.1 % max. when C
 30 pF
(at 1 MHz; 1 V where C
 1000 pF, and at
1 kHz; 1 V where C > 1000 pF)
For C < 30 pF: DF = 100/(400 + 20 x C)
DF = Dissipation factor in %;
C = Capacitance value in pF
Class 2
2.5 % max. (at 1 kHz; 1 V)
Class 3
5 % max. (at 1 kHz; 1 V)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
3
Ceramic Dielectric
C0G
X7R
Y5V
Voltage (VDC)
50
100
200
500
50
100
200
500
50
100
Min. Capacitance (pF)
10
10
33
33
100
100
100
100
10 000
10 000
Max. Capacitance (pF)
10 000
5600
3900
1800
1 000 000
560 000
220 000
47 000
1 000 000
220 000
Mounting
Radial


Similar Part No. - K270J15C0GF5TL2..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K270J15C0GF5TL2 VISHAY-K270J15C0GF5TL2 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors
18-Sep-06
More results

Similar Description - K270J15C0GF5TL2..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
16-Aug-12
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
16-Aug-12
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
16-Aug-12
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
20-Aug-13
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
20-Aug-13
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
26-Oct-17
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
23-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com