Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K270J15C0GF5TL2.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K270J15C0GF5TL2..
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K270J15C0GF5TL2.. Datasheet(HTML) 6 Page - Vishay Siliconix

  K270J15C0GF5TL2.. Datasheet HTML 1Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 2Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 3Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 4Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 5Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 6Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 7Page - Vishay Siliconix K270J15C0GF5TL2.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
6
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITORS ON TAPE
PARAMETER
SYMBOL
DIMENSIONS
mm
INCH
Cut-off length
L
 11.0
 0.443
Lead end protrusion
L1
 1.0
 0.039
Height to seating plane (straight leads)
H
 18.0
 0.709
Height to seating plane (crimp leads)
H0
16.0 ± 0.5
0.630 ± 0.020
Top of component height
H1
 32
 1.26
Body inclination
h
0.0 ± 1.0
0.000 ± 0.039
Carrier tape width
W
18.0 + 1.0/- 0.5
0.709 + 0.039/- 0.020
Hold down tape width
W0
15.0 REF.
0.591 REF.
Sprocket hole position
W1
9.00 + 0.075/- 0.50
0.354 + 0.030/- 0.020
Lead space
F
2.50 + 0.60/- 0.40
0.100 + 0.024/- 0.016
5.00 + 0.60/- 0.40
0.200 + 0.024/- 0.016
Sprocket hole pitch
P0
12.70 ± 0.3
0.500 ± 0.012
Sprocket hole center to lead center at F = 2.5 mm
P1
5.08 ± 0.7
0.200 ± 0.028
Sprocket hole center to lead center at F = 5 mm
3.85 ± 0.7
0.150 ± 0.028
Sprocket hole diameter
D0
4.00 ± 0.30
0.157 ± 0.012
Overall tape thickness
t
 0.90
 0.035
Wire lead diameter
d
0.50 ± 0.05
0.020 ± 0.002
Taping pitch
P
12.7 REF.
0.50 REF.
P
H
F
d
P
1
Seating
plane
W
L
t
A
D
h
H
0
H
1
W
1
W
0
L
1
D
0
P
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com