Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFS3607
Description  Single N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRFS3607 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRFS3607 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
44
0.02
T
T
ON
P
D = TON
TJpeak = TC+PDMXRθJC
/T
DM
SINGLE
DUTY=0.5
0.2
0.1
0.05
0.01
0.001
1
0.1
0.01
t , Pulse Width (s)
0.0001
0.00001
1
0.1
0.01
0.001
90
10%
%
VD
VGS
S
Td(off
T
Toff
f
)
Td(on
T
Ton
r
)
VDD
-
BV
S
S
D
S
S
D
V
B
L x IAS
2 x
2
1
EAS=
BVDS
VDD
S
IA
VGS
S
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
Rev:2023A2
4
IRFS3607
Single N-Channel MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com