Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFS3607
Description  Single N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRFS3607 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRFS3607 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IRFS3607
Single N-Channel MOSFET
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1,6
120
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1,6
85
A
IDM
Pulsed Drain Current2
250
A
EAS
Single Pulse Avalanche Energy3
57.8
mJ
IAS
Avalanche Current
34
A
PD@TC=25℃
Total Power Dissipation4
150
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
Symbol
Parameter
Typ.
Max.
Unit
Thermal Resistance Junction-Ambient
RθJA
1
---
℃
60
/W
Thermal Resistance Junction-Case
RθJC
1
---
℃
1
/W
BVDSS
RDSON
ID
80V
6.5m
Ω
120A
 Advanced Trench MOS Technology
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
Applications
Absolute Maximum Ratings
Thermal Data
TO263 Pin Configuration
Product Summary
Features
 Power Tools.
 UPS
 Synchronous Rectification in SMPS.
Rev:2023A2
1


Similar Part No. - IRFS3607

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFS3607 KERSEMI-IRFS3607 Datasheet
1Mb / 11P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRFS3607 ISC-IRFS3607 Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS3607PBF IRF-IRFS3607PBF Datasheet
425Kb / 11P
HEXFET Power MOSFET
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS3607PBF IRF-IRFS3607PBF Datasheet
327Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3607

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
ELM16404EA-S ELM-TECH-ELM16404EA-S Datasheet
406Kb / 4P
Single N-channel MOSFET
ELM34416AA-N ELM-TECH-ELM34416AA-N Datasheet
331Kb / 4P
Single N-channel MOSFET
ELM2H400SA-S ELM-TECH-ELM2H400SA-S Datasheet
1Mb / 4P
Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
Single N-channel MOSFET
ELM3D0804A-S ELM-TECH-ELM3D0804A-S Datasheet
811Kb / 4P
Single N-channel MOSFET
ELM3DK502A-S ELM-TECH-ELM3DK502A-S Datasheet
877Kb / 4P
Single N-channel MOSFET
ELM32D606A-S ELM-TECH-ELM32D606A-S Datasheet
870Kb / 4P
Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com