Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3607 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRFS3607
Description  Single N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRFS3607 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRFS3607 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRFS3607 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
BVDSS
RDS(ON)
RDS(ON)
VGS(th)
Parameter
Drain-Source Breakdown Voltage
Static Drain-Source On-Resistance2
Static Drain-Source On-Resistance2
Gate Threshold Voltage
Unit
V
m
m
V
IDSS
Drain-Source Leakage Current
uA
IGSS
Conditions
VGS=0V , ID=250uA
VGS=10V , ID=20A
VGS=4.5V , ID=20A
VGS=VDS , ID =250uA
VDS=64V , VGS=0V , TJ=25℃
VDS=64V , VGS=0V , TJ=55℃
VGS=±20V , VDS=0V
VDS=5V , ID=20A
VDS=0V , VGS=0V
Gate-Source Leakage Current
Forward Transconductance
Gate Resistance
, f=1MHz
nA
S
Total Gate Charge (10V)
VDS=40V , VGS=10V , ID=20A
nC
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
VDD=40V , VGS=10V , RG=3
,
ID=20A
ns
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
VDS=40V , VGS=0V , f=1MHz
pF
Output Capacitance
gfs
Rg
Qg
Qgs
Qgd
Td(on)
Tr
Td(off)
Tf
Ciss
Coss
Crss
Min.
80
---
---
1.2
---
---
---
---
---
---
---
---
---
---
---
---
---
---
Reverse Transfer Capacitance
---
Typ.
---
5
7
---
---
---
---
75
0.5
40
7.2
6.5
8.3
4.2
36
6.9
2860
410
38
Max.
---
6.5
9
2.3
1
5
±100
---
---
---
---
---
---
---
---
---
---
---
---
Conditions
VG=VD=0V , Force Current
VGS=0V , IS=A , TJ=25℃
IF=20A , dI/dt=100A/µs , TJ=25℃
Symbol
IS
VSD
trr
Qrr
Parameter
Continuous Source Current1,5
Diode Forward Voltage2
Reverse Recovery Time
Reverse Recovery Charge
Min.
---
---
---
---
Typ.
---
0.77
27
89
Max.
48
1.0
---
---
Unit
A
V
nS
nC
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=34A
4.The power dissipation is limited by 150℃ junction temperature
5.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
6.The maximum current rating is package limited.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
Rev:2023A2
2
IRFS3607
Single N-Channel MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com