Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75MCS-201 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PL75MCS-201
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 17Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 18Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 19Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 20Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 21Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 22Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 23Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 24Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
21
Bulkhead Cable Jacks
Wrench Crimp, Flange Mount
2-lug
BJ89F-
3-lug
BJ893F-
Threaded
BJ389F-
Wrench Crimp, D Hole Mount
2-lug
BJ89-
3-lug
BJ893-
Threaded
BJ389-
Mounting Holes: DD6.250 / D11.250 - Cable Groups: -14A, -16, -61, -62
Cable Plug
2-lug
PL80-
3-lug
PL803-
Threaded
PL380-
2-lug
BJ80
3-lug
BJ803
Threaded
BJ380
Mounting Hole: D1.156
2-lug
BJ83
3-lug
BJ833
Threaded
BJ383
Mounting Hole: D1.350
Circuit Board
2-lug
CBBJ82
Bulkhead Jack
3-lug
CBBJ823
Threaded
CBBJ382
Maximum Panel Thickness: .190 Mounting Hole: C6.250
Feed-thru Jack
2-lug
BJ88
3-lug
BJ883
Threaded
BJ388
Mounting Hole: D1.343
Standard twinax/triax threaded 80/380 series, trc/trn
Cable Jack
Wrench Crimp
2-lug
CJ80-
3-lug
CJ803-
Threaded
CJ380-
Larger bodies available to accommodate cable sizes, contact the factory.
BJ88 Shown
CJ80-7 Shown
PL80-9 Shown
Bulkhead Jack
Solder Pot
Insulated
Feed-thru Jack
1
1
1
1
1
1
1
1
1
1
1
1
1 - Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
BJ80 Shown
BJ83 Shown
2-lug
BN83-1
3-lug
BN833-1
Threaded
BN383-1
For other chain options see page 45
TRC "T" Adapter
BN83-1 Shown
Top Drawing: BJ89F-10 Shown
Bottom Drawing: BJ89-10 Shown
.130
.625 WRENCH FLAT
.750
DIA
1.773
.781 DIA MAX
.687 WRENCH FLAT
1.790
1.590
.500
.535
DIA
.130
WRENCH FLATS
WRENCH FLATS
.535
DIA
1.312
.500
.095
.750-32UNEF-2A
ACCEPTS
.065 DIA
CONDUCTOR
1.000 HEX
.065 DIA
1.650
1.060
DIA
.535
TYP
.59
.090
.750-32UNEF-2A
1.000 HEX NUT
1.650 TYP
.750-32UNEF-2A
1.000 HEX NUT
.90
1.060
DIA
.685
DIA
.535
DIA
.625
WRENCH
FLATS
.750
.761
.094
.130
1.590
1.790
MAX
PANEL THK
.250
.844
TYP
CABLE ENTRY
.120 DIA
4 MTG HOLES
1.125
TYP
.773
TYP
Ø.0470
2 PLACES
.387
1.415
.200
.520
Ø.535
1.000 HEX NUT
.125 THK
MOUNTING SEAL
.055
CTR
CONT PIN
.170
.220
INR SHLD
PIN
Ø.039 - .041
2 PLACES
.773
TYP
0.092 - .096
4 PLACES
.170
.387
Ø.1090
4 PLACES
CBBJ82 SHOWN
FLAT WASHER
1.130 MAX OD
.032 THK
.750-32UNEF-2A
01.187
.750 SQ.
.406
.140 DIA
MTG HOLE
.200 DIA
.535
DIA
TYP
JACK
1.750
.375
JACK
1.619
.773 DIA
MAX
PLUG
.730 DIA
;;;;;;;;
;;;;;;;;
;;;;;;;;
;;;;;;;;
;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
.130
1.000
HEX TYP
.625 WRENCH FLATS
.500
.919
1.590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com