Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75MCS-201 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # PL75MCS-201
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 37Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 38Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 39Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 40Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 41Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
39
Insulated Adapter
50Ω
ADI95
N to BNC
75Ω
UADI95
Mounting Hole: DD4.203
Feed-thru jack
50Ω
BJ98-2
75Ω
UBJ98-2
Mounting Hole: DD4.50
For panels up to 2.25" thick. For thicker panels call the factory.
Bulkhead Cable Jack
50Ω
BJ95-
Wrench Crimp
75Ω
UBJ95-
Mounting Holes: DD4.310 (Standard body)
DD1.310 (Cable Groups -6A/6B/6E, -48, -50)
Cable Plug
50Ω
PL95-
Wrench Crimp
75Ω
UPL95-
Large body versions are available, contact the factory.
Size depends on cable group.
Coax "n" connectors, 90 series
Adapter
50Ω
AD95
N to BNC
75Ω
UAD95
Mounting Hole: DD4.310
Bulkhead Jack
50Ω
J95
Solder pot
75Ω
UJ95
Mounting Hole: D5.310
Insulated Bulkhead
Cable Jack
50Ω
BJ96-
Wrench Crimp
75Ω
UBJ96-
Mounting Hole: DD4.203
PL95-1 and -6 Shown
BJ98-2 Shown
Trompeter's 90 Series incorporates many of the features of our BNC lines including 3-piece wrench crimp configuration, gold plated
captive center contacts, beryllium copper female contacts, and PTFE dielectrics. The 90 Series will also accommodate nonflammable
plenum coax cables.
- Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
1
1
1
1
1
1
1
BJ96-1 Shown
BJ95-141 Shown
50Ω
BJ95F
75Ω
UJ95F (Not Shown)
Flange Mount
Bulkhead Jack
N, Solder Pot
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
;;;;;;;
1.274 OR 1.336
.500 OR .688
WRENCH FLATS
.438 OR .625 FLATS
.828 DIA MAX
.096 OR .130
1.863
3/4 HEX
3/4 HEX NUT
.625-24UNEF-2A
1.860
.833
.625-24UNEF-2A
.750 HEX NUT
.562 WRENCH FLATS
1.392
.462
.094
.250
.625-24 UNEF-2A
.750 HEX NUT
.437 HEX NUT
.312 FLATS
.800
DIA
1.287
.587
.406
.625-24UNEF-2A
.375-32UNEF-2A
SOLDER POT ACCEPTS
.064 DIA WIRE
.500 HEX NUT
1.387
.750 HEX NUT
.562 WRENCH
FLATS
.362
.437 HEX
.096
.625-24UNEF-2A
.750 HEX NUT TYP
.875 MAX
.50
1.75
.625-24UNEF-2A
.736
1.130
Ø.118
.718
Ø.126 TYP
1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com