Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75MCS-201 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # PL75MCS-201
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75MCS-201 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button PL75MCS-201 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 37Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 38Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 39Page - List of Unclassifed Manufacturers PL75MCS-201 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
36
Push-on coax 120 series
These BNC/TNC push-on jacks and plugs are designed for (U)PL123 blind mate rack and panel applications. The male plugs mate
(U)PL122 with any BNC/TNC jack and are ideally suited for test/cable applications.
Panel Plug
50Ω
PL121
Front Mount, Solder Pot
75Ω
UPL121
w/ solder lug
50Ω
PL121SL
75
Ω
UPL121SL
Mounting Hole: C2.093
Panel Plug
50Ω
PL122-
Rear Mount, Cable Entry
75Ω
UPL122-
Mounting Hole: DD5.187
Cable Plug
50Ω
PL223-
Tool Crimp
75Ω
UPL223-
Bulkhead Jack
50Ω
BJ120
Front Mount, Solder Lug
75Ω
UBJ120
w/ solder Lug
50Ω
BJ120SL
75Ω
UBJ120SL
Mounting Hole: C1.120
Bulkhead Cable Jack
50Ω
BJ120C-
Front Mount, Tool Crimp
75Ω
UBJ120C-
Limited Cable Groups
Mounting Hole: C1.120
Cable Plug
50Ω
PL123-
Wrench Crimp
75Ω
UPL123-
PL121 Shown
PL122 Shown
PL123-2 Shown
- Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
PL223-001 Shown
1
1
1
1
1
1
1
1
1
.500 HEX
.628
1.060
.437 WRENCH FLATS
3/8 WRENCH FLATS
SOLDER CUP
ACCEPTS
.068 DIA
CONDUCTOR
.562 HEX NUT
.500 HEX
.906
.468-32 SPECIAL
.115
.096
1.107
.607
.349 DIA
.550
DIA
.375 WRENCH
FLATS
.3125-32UNEF-2A
.437 HEX NUT
.450
1.230
.437 WRENCH FLATS
.096
.906
.437 HEX
BODY .500 DIA
.550
DIA
.875
.150
.450
.3125-32UNEF-2A
.375
WRENCHFLATS
.437 HEX
SOLDER POT ACCEPTS
.055 DIA CONDUCTOR;
(.025 DIA FOR UBJ120)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com