Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5205 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors SA5205 Datasheet HTML 10Page - NXP Semiconductors SA5205 Datasheet HTML 11Page - NXP Semiconductors SA5205 Datasheet HTML 12Page - NXP Semiconductors SA5205 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
9
40
35
30
25
20
15
10
1012
4
6
8 1022
4
6 8 103
OUTPUT
INPUT
FREQUENCY—MHz
VCC = 6V
ZO = 50Ω
TA = 25
oC
VCC = 6V
ZO = 50Ω
TA = 25
oC
10
–15
–20
–25
–30
FREQUENCY—MHz
1012
4
6 8 1022
4
6
8 103
50
Ω System
75
Ω System
a. Insertion Gain vs Frequency (S21)
b. Insertion Gain vs Frequency (S21)
c. Isolation vs Frequency (S12)
d. S12 Isolation vs Frequency
e. Input (S11) and Output (S22) Return Loss
vs Frequency
f. Input (S11) and Output (S22) Return Loss
vs Frequency
ZO = 75Ω
TA = 25
oC
VCC = 6V
10
–15
–20
–25
–30
FREQUENCY—MHz
8
1012
4
6
1022
4
6 8 103
VCC = 6V
ZO = 75Ω
TA = 25
oC
OUTPUT
INPUT
40
35
30
25
20
15
10
FREQUENCY—MHz
1012
4
6
8 1022
4
6
8 103
25
20
15
10
1012
4
6
8
2
4
6
8
102
103
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
15
10
25
20
ZO = 75Ω
TA = 25
oC
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
1012
4
6
8
2
4
6
8
102
103
SR00234
Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com