Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5205 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5205 Datasheet HTML 1Page - NXP Semiconductors SA5205 Datasheet HTML 2Page - NXP Semiconductors SA5205 Datasheet HTML 3Page - NXP Semiconductors SA5205 Datasheet HTML 4Page - NXP Semiconductors SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
2
1997 Nov 07
853-1598 18662
DESCRIPTION
The SA5205A family of wideband amplifiers replace the SA5205
family. The ‘A’ parts are fabricated on a rugged 2
µm bipolar process
featuring excellent statistical process control. Electrical
performance is nominally identical to the original parts.
The SA5205A is a high-frequency amplifier with a fixed insertion
gain of 20dB. The SA5205A operates with a single supply of 6V, and
only draws 24mA of supply current, which is much less than
comparable hybrid parts. The noise figure is 4.8dB in a 75
Ω system
and 6dB in a 50
Ω system.
Until now, most RF or high-frequency designers had to settle for
discrete or hybrid solutions to their amplification problems. Most of
these solutions required trade-offs that the designer had to accept in
order to use high-frequency gain stages. These include high-power
consumption, large component count, transformers, large packages
with heat sinks, and high part cost. The SA5205A solves these
problems by incorporating a wide-band amplifier on a single
monolithic chip.
The part is well matched to 50 or 75
Ω input and output impedances.
The Standing Wave Ratios in 50 and 75
Ω systems do not exceed
1.5 on either the input or output from DC to the -3dB bandwidth limit.
Since the part is a small monolithic IC die, problems such as stray
capacitance are minimized. The die size is small enough to fit into a
very cost-effective 8-pin small-outline (SO) package to further
reduce parasitic effects.
No external components are needed other than AC coupling
capacitors because the SA5205A is internally compensated and
matched to 50 and 75
Ω. The amplifier has very good distortion
specifications, with second and third-order intermodulation
intercepts of +24dBm and +17dBm respectively at 100MHz.
The device is ideally suited for 75
Ω cable television applications
such as decoder boxes, satellite receiver/decoders, and front-end
amplifiers for TV receivers. It is also useful for amplified splitters and
antenna amplifiers.
The part is matched well for 50
Ω test equipment such as signal
generators, oscilloscopes, frequency counters and all kinds of signal
analyzers. Other applications at 50
Ω include mobile radio, CB radio
and data/video transmission in fiber optics, as well as broad-band
LANs and telecom systems. A gain greater than 20dB can be
achieved by cascading additional SA5205As in series as required,
without any degradation in amplifier stability.
PIN CONFIGURATIONS
8
7
6
5
4
3
2
1
VCC
VIN
GND
GND
VCC
VOUT
GND
GND
D Packages
TOP VIEW
20dB
SR00215
Figure 1. Pin Configuration
FEATURES
• 600MHz bandwidth
• 20dB insertion gain
• 4.8dB (6dB) noise figure ZO=75Ω (ZO=50Ω)
• No external components required
• Input and output impedances matched to 50/75Ω systems
• 2000V ESD protection
APPLICATIONS
• 75Ω cable TV decoder boxes
• Antenna amplifiers
• Amplified splitters
• Signal generators
• Frequency counters
• Oscilloscopes
• Signal analyzers
• Broad-band LANs
• Fiber-optics
• Modems
• Mobile radio
• Security systems
• Telecommunications
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) package
-40 to +85
°C
SA5205AD
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com