Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5205 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5205 Datasheet HTML 1Page - NXP Semiconductors SA5205 Datasheet HTML 2Page - NXP Semiconductors SA5205 Datasheet HTML 3Page - NXP Semiconductors SA5205 Datasheet HTML 4Page - NXP Semiconductors SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
4
DC ELECTRICAL CHARACTERISTICS
VCC=6V, ZS=ZL=ZO=50Ω and TA=25°C in all packages, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SA5205A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VCC
Operating supply voltage range
Over temperature
5
5
8
8
V
V
ICC
Supply current
Over temperature
20
19
25
25
32
33
mA
mA
S21
Insertion gain
f=100MHz
Over temperature
17
16.5
19
21
21.5
dB
S11
Input return loss
f=100MHz
25
dB
S11
Input return loss
DC - fMAX
12
dB
S22
Output return loss
f=100MHz
27
dB
S22
Output return loss
DC - fMAX
12
dB
S12
Isolation
f=100MHz
-25
dB
S12
Isolation
DC - fMAX
-18
dB
tR
Rise time
500
ps
tP
Propagation delay
500
ps
BW
Bandwidth
±0.5dB
450
MHz
fMAX
Bandwidth
-3dB
550
MHz
Noise figure (75
Ω)
f=100MHz
4.8
dB
Noise figure (50
Ω)
f=100MHz
6.0
dB
Saturated output power
f=100MHz
+7.0
dBm
1dB gain compression
f=100MHz
+4.0
dBm
Third-order intermodulation
intercept (output)
f=100MHz
+17
dBm
Second-order intermodulation
intercept (output)
f=100MHz
+24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com