Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1591DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1591DN
Description  2A, 32V, 330KHz Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1591DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1591DN Datasheet HTML 1Page - Monolithic Power Systems MP1591DN Datasheet HTML 2Page - Monolithic Power Systems MP1591DN Datasheet HTML 3Page - Monolithic Power Systems MP1591DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0020 (MP1591DN) – 2A, 32V, 330KHz STEP-DOWN CONVERTER
EVALUATION BOARD
EV0020 (MP1591DN) Rev. 1.5
www.MonolithicPower.com
2
12/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
C1
10nF
C3
1.8nF
JP1
OFF
D1
B340A-13
U1
MP1591
VIN
BS
SW
FB
GND
REF
COMP
EN
C6
NS
VIN
GND
REF
EN
VOUT
GND
C4
NS
EV0020_S01
EV0020 BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer
Manufacturer P/N
1
C1
10nF
Ceramic Capacitor, 50V, X7R
0805
AVX
08055C103KAT2A
1
C2
10µF
Ceramic Capacitor, 35V
1210
Taiyo Yuden
GMK325F106MH
1
C3
1.8nF
Ceramic Capacitor, 50V, X7R
0805
AVX
08055C182KAT2A
2
C4, C6
NS
Not Stuffed
1
C5
22µF
Ceramic Capacitor, 10V, 1210
1210
Taiyo Yuden
LMK325BJ226MM
1
D1
Schottky Diode,
40V, 3A, SMA
Diodes Inc
B340A-13
1
R1
47kΩ
Film Resistor, 1%
0805
Yageo
9C08052A4702FKHFT
1
R2
8.2kΩ
Film Resistor, 5%
0805
Panasonic
ERJ-6GEYJ822V
1
R3
15kΩ
Film Resistor, 1%
0805
Yageo
9C08052A1502FKHFT
1
L1
22µH
Inductor, 2.6A
Sumida
CDRH8D43-220
L1
Alternate
22µH
Inductor, 2.5A, Type D104C
Toko
919AS-220M
1
U1
Step-Down Converter
SO8
MPS
MP1591DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com