Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1591DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1591DN
Description  2A, 32V, 330KHz Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1591DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1591DN Datasheet HTML 1Page - Monolithic Power Systems MP1591DN Datasheet HTML 2Page - Monolithic Power Systems MP1591DN Datasheet HTML 3Page - Monolithic Power Systems MP1591DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV0020 (MP1591DN)
2A, 32V, 330KHz
Step-Down Converter
EVALUATION BOARD
EV0020 (MP1591DN) Rev. 1.5
www.MonolithicPower.com
1
12/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV0020 is the evaluation board for the
MP1591; a high voltage step-down converter
ideal for automotive power adapter battery
chargers. Its wide 6.5V to 32V input voltage
range
covers
the
automotive
battery’s
requirements. It achieves 2A continuous output
for quick charge capability.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
protection
includes
cycle-by-cycle
current
limiting and thermal shutdown. In shutdown
mode, the converter draws only 20µA of supply
current.
The MP1591 requires a minimum number of
readily
available
external
components
to
complete a 2A step-down DC to DC converter
solution.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
6.5 to 32
V
Output Voltage
VOUT
5
V
Output Current
IOUT
2
A
FEATURES
• Wide 6.5V to 32V Input Operating Range
• 34V Absolute Maximum Input
• 2A Output Current
• Ceramic Input and Output Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• Fixed 330KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Output Adjustable From 1.23V to 21V
• Under Voltage Lockout
APPLICATIONS
• Automotive Power Adapters
• PDA and Cellular Phone Battery Chargers
• Distributed Power Systems
• Automotive Aftermarket Electronics
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV0020 EVALUATION BOARD
(L x W x H) 2.1” x 1.4” x 0.5” (5.3cm x 3.5cm x 1.1cm)
Board Number
MPS IC Number
EV0020
MP1591DN


Similar Part No. - MP1591DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591DN ETC2-MP1591DN Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591DN MPS-MP1591DN Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
MP1591DN MPS-MP1591DN Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results

Similar Description - MP1591DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
6.5V-32V Input, 1A, 330kHz Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com