Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1591DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1591DN
Description  2A, 32V, 330KHz Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1591DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1591DN Datasheet HTML 1Page - Monolithic Power Systems MP1591DN Datasheet HTML 2Page - Monolithic Power Systems MP1591DN Datasheet HTML 3Page - Monolithic Power Systems MP1591DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV0020 (MP1591DN) – 2A, 32V, 330KHz STEP-DOWN CONVERTER
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV0020 (MP1591DN) Rev. 1.5
www.MonolithicPower.com
4
12/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set to 5V. The board layout accommodates most commonly used
inductors and output capacitors.
1. Attach the positive and negative ends of the load to VOUT and GND, respectively.
2. Attach the input voltage (6.5V ≤ VIN ≤ 32V) and input ground to VIN and GND, respectively.
3. To enable to the MP1591, apply a voltage (VEN ≥ 2V) to the EN pin. To disable it, connect the
EN pin to ground.
4. The REF pin outputs a 5V reference voltage. If used, a 0.01µF capacitor should be connected
from this pin to GND to reduce switching ripple. Leave unconnected if not used.
5. The output voltage VOUT can be changed by varying R1. Calculate R1 using the formula:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
1
V
V
3
R
1
R
FB
OUT
where VFB = 1.23V and R3 is set at 15kΩ.
For example, for VOUT = 5.0V:
Ω
≈
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
×
Ω
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
k
47
k
98
.
45
1
V
23
.
1
V
0
.
5
k
15
1
V
V
3
R
1
R
FB
OUT
standard 1% value.
See Maximum Duty Cycle limits to determine allowable output voltage range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com