Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1522 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1522
Description  Precision 6 White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0022 (MP1522) — PRECISION 6 WHITE LED DRIVER EVALUATION BOARD
EV0022 Rev. 1.2
www.MonolithicPower.com
2
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
U1
MP1522
SW
FB
BIAS
GND
EN
2
4
3
1
5
LED1
LED2
LED3
LED4
LED5
LED6
C3
10nF
D1
B0530WS-7
J1
CN1
EV0022 BILL OF MATERIALS
Qty
Ref
Description
Package
1
U1
MP1522
SOT23-5
1
L1
Inductor, 6.8µH
D31FB
1
C1, C2
Ceramic Capacitor, 1µF, 50V, X5R or X7R
0805
1
C3
Ceramic Capacitor, 10nF, 50V, X5R or X7R
0603
1
R1
Resistor, 100kΩ, 5%
0603
1
R2
Resistor, 62Ω, 1%
0603
1
D1
Schottky Diode, 0.5A, 30V
B0530W
6
LED1 – LED6
Not Included with Board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com