Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1522 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1522
Description  Precision 6 White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV0022 (MP1522) — PRECISION 6 WHITE LED DRIVER EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV0022 Rev. 1.2
www.MonolithicPower.com
4
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect LEDs to LED1 – LED6 terminals.
2. Preset Power Supply to 3V
≤ VCC ≤ 5.5V.
3. Turn Power Supply off.
4. Connect Power Supply terminals to:
a. Positive (+): VCC
b. Negative (–): GND
5. Turn Power Supply on after making connections.
6. Remove the jumper J1 to allow the MP1522 to automatically start when power is applied. Place
the shorting clip across J1 to disable the MP1522. A logic signal may be applied to EN to
enable/disable the MP1522, provided the shorting clip is not installed across J1.
7. To dim the LEDs remove the shorting clip from J1 and apply a PWM signal to the EN pin. The
duty cycle of the PWM signal determines the LED current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com