Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1522 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1522
Description  Precision 6 White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV0022 (MP1522)
Precision 6 White LED Driver
Evaluation Board
EV0022 Rev. 1.2
www.MonolithicPower.com
1
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV0022 evaluation board uses the
MP1522 to drive up to six (6) series white LEDs
from a single cell Lithium Ion battery. The
MP1522 uses a current limited, variable
frequency architecture to regulate the LED
current, which is measured through an external
current sense resistor. Its 1.23V, 3% feedback
threshold improves the LED current regulation.
The BIAS pin can measure the output voltage
and turn off the converter to prevent damage in
an open circuit condition.
The MP1522 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload. The MP1522 is available in tiny 5-pin
SOT23 packages.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VCC
3.0 – 5.5
V
LED Current
20
mA
FEATURES
• Internal 0.5Ω Power Switch
• Output Voltage up to 25V
• Up to 90% Efficiency
• Low 1µA Shutdown Current
• Input Under-Voltage Protection
• Thermal Shutdown
• Internal Current Limit
APPLICATIONS
• Handheld Computers, PDAs
• Cell Phones
• Digital Still and Video Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV0022 EVALUATION BOARD
Dimensions (2.2”X x 1.5”Y x 0.5”Z)
Board Number
MPS IC Number
EV0022
MP1522DT
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
LED CURRENT (mA)
Efficiency vs LED Current
2 LEDs
3 LEDs
6 LEDs
VIN = 3.6V


Similar Part No. - MP1522

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP1522EQ MPS-MP1522EQ Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522ET MPS-MP1522ET Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522ET MPS-MP1522ET Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
More results

Similar Description - MP1522

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
MP1523 MPS-MP1523 Datasheet
140Kb / 7P
Precision 6-Lamp White LED Driver
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
6 Strings Boost White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com