Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2364DF
Description  1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2364DF-00A
1.5A, 23V, 1.4MHz Dual
Step-Down Converter Evaluation Board
EV2364DF-00A Rev. 1.2
www.MonolithicPower.com
1
10/6/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV2364DF-00A is an evaluation board for
the
MP2364,
a
dual
output,
monolithic
step-down switch mode converter with built-in
internal power MOSFETs. It achieves 1.5A
continuous output current for each output over
a wide input supply range with excellent load
and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In
shutdown mode the regulator draws 40µA of
supply current.
The MP2364 requires a minimum number of
readily available standard external components.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.75 to 23
V
Output Voltage A
VOUTA
3.3
V
Output Voltage B
VOUTB
2.5
V
FEATURES
• 1.5A Current for Each Output
• Ceramic Input and Output Capacitors
• Up to 90% Efficiency
• 40µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Wide 4.75V to 23V Operating Input Range
• Programmable Under Voltage Lockout
• Programmable Soft-Start
APPLICATIONS
• Distributed Power Systems
• I/O and Core Supplies
• DSL Modems
• Set Top Boxes
• Cable Modems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV2364DF-00A EVALUATION BOARD
(L x W x H) 2.2” x 1.6” x 0.4”
(5.5cm x 4.1cm x 1.0cm)
Board Number
MPS IC Number
EV2364DF-00A
MP2364DF
100
90
80
70
60
50
0
0.5
1.0
1.5
LOAD CURRENT (A)
MP2364_EC01
Efficiency vs
Load Current
VOUT=5V
VOUT=3.3V
VOUT=2.5V


Similar Part No. - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2364DF MPS-MP2364DF Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2364DF MPS-MP2364DF Datasheet
272Kb / 5P
4 Output DSL Power Supply
MP2364DF MPS-MP2364DF Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
More results

Similar Description - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com