Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3608 Datasheet(PDF) 2 Page - EPCOS

Part # B3608
Description  SAW Components Low-loss Filter 140 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3608 Datasheet(HTML) 2 Page - EPCOS

  B3608 Datasheet HTML 1Page - EPCOS B3608 Datasheet HTML 2Page - EPCOS B3608 Datasheet HTML 3Page - EPCOS B3608 Datasheet HTML 4Page - EPCOS B3608 Datasheet HTML 5Page - EPCOS B3608 Datasheet HTML 6Page - EPCOS B3608 Datasheet HTML 7Page - EPCOS B3608 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Jul 12, 2002
SAW Components
B3608
140 MHz
Low-Loss Filter
Preliminary Data Sheet
Ceramic package QCC 12
Features
q
High performance IF bandpass filter
q
Constant group delay
q
Hermetically sealed ceramic package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,4 g
Pin configuration
11
Input or balanced Input
1
Input-Ground or bal. Input
5
Output or balanced Output
7
Output-Ground or bal. Output
2, 3, 4, 6,
8, 9, 10, 12
Must be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3608
B39141B3608Z510
C61157A0007A055
F61074V8026Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
source impedance 50
Ω
Source power
Ps
20
dBm
s. imp. 50
Ω, duty cycle 1:100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com