Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3608 Datasheet(PDF) 4 Page - EPCOS

Part # B3608
Description  SAW Components Low-loss Filter 140 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3608 Datasheet(HTML) 4 Page - EPCOS

  B3608 Datasheet HTML 1Page - EPCOS B3608 Datasheet HTML 2Page - EPCOS B3608 Datasheet HTML 3Page - EPCOS B3608 Datasheet HTML 4Page - EPCOS B3608 Datasheet HTML 5Page - EPCOS B3608 Datasheet HTML 6Page - EPCOS B3608 Datasheet HTML 7Page - EPCOS B3608 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jul 12, 2002
SAW Components
B3608
140 MHz
Low-Loss Filter
Preliminary Data Sheet
Characteristics
Operating temperature:
T
= -40 ˚C ... +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching circuit
Terminating load impedance:
ZL =50 Ω and matching circuit
Group delay aperture:
200 kHz
min.
typ.
max.
Center frequency
fC
138,85
140,00
141,15 MHz
(Center between 3dB points)
Insertion attenuation at fC
α
C
—
—
13
dB
Amplitude ripple (max peak to adjacent valley)
∆α
(80% of
B3dB)
133,60 ... 146,40 MHz
—
0,5
0,9
dB
Phase ripple (p-p)
∆ϕ
(80% of
B3dB)
133,60 ... 146,40 MHz
—
7
14
˚
Pass bandwidth
α
rel ≤
1dB
B1dB
15,0
16,0
—
MHz
α
rel ≤
3dB
B3dB
16,0
16,8
—
MHz
α
rel ≤ 40
dB
B40dB
—
21,0
22,0
MHz
Relative attenuation relative to
α
C
α
rel
100,00 ... 128,70 MHz
40
45
—
dB
128,70 ... 129,00 MHz
37
43
—
dB
151,00 ... 152,30 MHz
24
30
—
dB
152,30 ... 180,00 MHz
40
45
—
dB
Group delay ripple (p-p)
∆τ
(80% of
B3dB)
133,60 ... 146,40 MHz
—
80
140
ns
Reflected wave signal suppression
0,70
µs … 3,75 µs after main pulse
35
38
—
dB
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com