Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3608 Datasheet(PDF) 5 Page - EPCOS

Part # B3608
Description  SAW Components Low-loss Filter 140 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3608 Datasheet(HTML) 5 Page - EPCOS

  B3608 Datasheet HTML 1Page - EPCOS B3608 Datasheet HTML 2Page - EPCOS B3608 Datasheet HTML 3Page - EPCOS B3608 Datasheet HTML 4Page - EPCOS B3608 Datasheet HTML 5Page - EPCOS B3608 Datasheet HTML 6Page - EPCOS B3608 Datasheet HTML 7Page - EPCOS B3608 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Jul 12, 2002
SAW Components
B3608
140 MHz
Low-Loss Filter
Preliminary Data Sheet
Matching circuit: Element values depending on PCB layout
Input and output unbalanced
Input and output balanced
Cs1=27pF (Pin 1)
Cs2=22pF (Pin 11)
Lp1=62nH
Lp2=62nH
Cs3=13,5pF (Pin 5)
Cs4=20,7pF (Pin 7)
Cp1=33pF
Ls2=100nH
Ls3=56nH
Lp4=39nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com