Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2365DN
Description  3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2365DN Datasheet HTML 1Page - Monolithic Power Systems MP2365DN Datasheet HTML 2Page - Monolithic Power Systems MP2365DN Datasheet HTML 3Page - Monolithic Power Systems MP2365DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2365DN-01A – 3A, 28V, 1.4MHz STEP-DOWN CONVERTER EVALUATION BOARD
EV2365DN-01A Rev. 1.1
www.MonolithicPower.com
2
9/20/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
C6
NS
C5
5.6nF
R7
NS
C11
NS
D1
B330A
C7
10nF
D2
NS
EN
GND
R4
NS
R8
NS
C3
NS
VOUT
3.3V/3A
GND
VIN
GND
EN
SS
GND
COMP
FB
BS
7
8
46
1
3
5
2
SW
IN
MP2365
C14
NS
EV2365DN-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1, C2
4.7µF
Ceramic Cap., 50V, X7R
1210
Murata
GRM32ER71H475KA88L
4
C3, C6,
C11, C14
Not Stuffed
1
C4
0.1µF
Ceramic Cap., 25V, X7R
603
TDK
C1608X7R1E104K
1
C5
5.6nF
Ceramic Cap., 50V, X7R
603
Panasonic
ECJ-1VB1H562K
1
C7
10nF
Ceramic Cap., 50V, X7R
603
TDK
C1608X7R1H103K
2
C8, C9
22µF
Ceramic Cap., 6.3V, X5R
1210
TDK
C3225X5R0J226M
3
C10, C12,
C13
0.1µF
Ceramic Cap., 50V, X7R
805
TDK
C2012X7R1H104K
1
R1
25.5kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF2552V
1
R2
10kΩ
Film Res., 1%
603
Panasonic
ERJ-3EKF1002V
1
R3
100kΩ Film Res., 5%
603
Panasonic
ERJ-3GEYJ104V
3
R4, R7, R8
Not Stuffed
1
R5
15kΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ153V
1
R6
0Ω
Film Res., 5%
603
Panasonic
ERJ-3GEYJ0R00V
1
D1
Diode Schottky, 30V, 3A
SMA
Diodes Inc
B330A-13
1
D2
Not Stuffed
1
L1
Inductor, 4.1A
SMD
Sumida
CDRH8D43-4R7NC
1
U1
DC-DC Converter
SO-8
MPS
MP2365DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com