Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2365DN
Description  3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2365DN Datasheet HTML 1Page - Monolithic Power Systems MP2365DN Datasheet HTML 2Page - Monolithic Power Systems MP2365DN Datasheet HTML 3Page - Monolithic Power Systems MP2365DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2365DN-01A – 3A, 28V, 1.4MHz STEP-DOWN CONVERTER EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV2365DN-01A Rev. 1.1
www.MonolithicPower.com
4
9/20/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output to between 4.75V and 28V, then turn it off.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on (the MP2365 will automatically startup).
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 2.9V to turn
on the regulator or less than 0.9V to turn it off.
6. An under voltage lockout (UVLO) function can be implemented by the addition of a resistor
divider (R3 and R4). The Enable threshold is 2.6V, so the VIN UVLO threshold is:
V
6
.
2
4
R
3
R
1
×
⎟
⎠
⎞
⎜
⎝
⎛ +
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com